for toplight 0.56 inch (14.2mm) four digit specifications m odel www .ledtoplight.com.cn shanghai toplight technology co., ltd. CC-5461AS t o p l i g h t t o p l i g h t free datasheet http://
technical data sheet CC-5461AS 1/7 features 0.56 inch (14.2mm) digit height. low power requirement, solid state reliability. multicolor available, stackable horizontally. categorized for luminous intensity. easy mounting on p.c. boards. remain within rohs compliant version. description the toplight-CC-5461AS is a 0.56 inch (14.2mm) application digital readout display elevator audio epuipment face color black toplight-CC-5461AS revision issued in 2012. toplight-CC-5461AS instrument pancls super red 0.56 inch (14.2mm) digit height part no. chip emitted color size this device is made with white segments and black surface. digit height four digit numeric display. product introduction t o p l i g h t free datasheet http://
CC-5461AS toplight-CC-5461AS revision issued in 2012. package dimensions 2/7 technical data sheet d g f e c b a dig.4 dig.3 dig.2 dig.1 top light CC-5461AS -s- 09c3 t o p l i g h t free datasheet http://
technical data sheet CC-5461AS absolute maximum ratings (ta=25 c) s ymbol v r i f i peak p d t a t stg electrical-optical characteristics t a=25 c m in. typ. m ax. unit r 13500 15524 17549 s 17550 21937 26325 t 26326 32907 39489 1. 80 2. 10 2.40 v/seg - 635 - nm - 20 - nm - - 20 ua toplight-CC-5461AS revision issued in 2012. spectral line half-width p test conditions i f =10ma i f =20ma i f =20ma i f =20ma ? forward voltage parameter ucd max 5 v/seg ma/seg ma/seg mw/seg luminous intensity i r reverse current unit v r =5v - 35 ~ + 85 30 120 3/7 operating temperature range storage temperature range power dissipation - 35 ~ + 85 80 solder temperature 1/16 inch below seating plane for 3 seconds max 260 peak emission wavelength electrical/optical characteristic (1) symbol i v parameter per segment v f reverse voltage forward current peak forward current (1/10 duty cycle) t o p l i g h t free datasheet http://
CC-5461AS toplight-CC-5461AS revision issued in 2012. electrical/optical characteristic (2) 4/7 technical data sheet t o p l i g h t free datasheet http://
CC-5461AS 5/7 classifica tion test item operation life high temperature high humidity storage high temperature high humidity reverse bias high temperature storage low temperature storage temperature cycling thermal shock soloer resistance soloer ability toplight-CC-5461AS revision issued in 2012. to evaluate resistance of devices under thermal stress,expansion and contraction ta=8525-35 time=30min 5min 30min 5min cycle test:10cycles to evaluate device's structrual and mechanical resistance when suddenly exposed at serious changes ta=85 5-35 5 time=10min 10min cycle test:10cycles description and test condition to evaluate resistance of the device when it operated at eletrical stress ta=under room temperature if=12ma-25ma per segment or ip=80ma/duty=1/8,pw=1.25ms ip=160ma/duty=1/16,pw=1.ms(dot) test time=1000hrs(-24hrs+72hrs) to evaluate moisture resistance of the device when it stored for a long term at high temperature and high humidity ta=65 5 rh=90-95% test time=240hrs 2hrs to evaluate resistance of leakage current against long term thermal,humidty,and eletrical strss ta=65 5 rh=90-95% vr=5v test time=500hrs(-24hrs+48hrs) to evaluate device's durability for long term storage in high temperature ta=85 5 test time=1000hrs(-24hrs+72hrs) to evaluate device's durability for long tem storage in low temperature ta=-35 5 test time=1000hrs(-24hrs+72hrs) endutran ce test environm ental test technical data sheet quality control and assurance to evaluate resistance of thermal stress caused by soldering t.sol=260 5 time=10 1sec to evaluate solderability on leads of device t.sol=230 5 time=5 1sec t o p l i g h t free datasheet http://
CC-5461AS 6/7 display soldering conditions 1 . manual soldering conditions(with 1.5mm iron tip ) iron tip temperature: 350 c max, time: 3s max position: the iron should be situated at least 2mm away from the root of the leads. 2 . through the wave soldering conditions wave soldering profile for lead-free through-hole led 3 . soldering general notes: toplight-CC-5461AS revision issued in 2012. the recommended conditions for soldering are as follows. because the component is made with epoxy resin, the units are susceptible to heat. therefore, the preheating and soldering temperatures should be kept as low as possible to technical data sheet operations. d. if components will undergo multiple soldering processes, or other processes where the components may be subjected to intense heat, please check with toplight for compatibility. avoid damage. a. toplight recommend manual soldering to be used only for repair and rework purposes. the soldering iron should not exceed 30w in power. the tip of the soldering iron should not touch the reflector case to avoid heat-damage. b. maintain the pre-heat and peak temperatures with dip units as low as possible and the times as short as is feasible, since the products are susceptible to heat during flow soldering. c. after soldering, allow at least three minutes for the component to cool to room temperature before further t o p l i g h t free datasheet http://
CC-5461AS packing quantity specification technical data sheet 7/7 =1560pcs 60pcs 60pcs*1pieces 1pieces*13layers t o p l i g h t free datasheet http://
toplight-CC-5461AS revision issued in 2012. t o p l i g h t free datasheet http://
|